PART |
Description |
Maker |
SPT5310SIN SPT5310SIP |
12-bit, 250 MWPS ECL D/A converter
|
SPT Signal Processing Technologies
|
SPT9713 SPT9713AIP SPT9713BIP |
12-BIT 100 MWPS TTL D/A CONVERTER 12-BIT, 100 MWPS TTL D/A CONVERTER
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
SPT5220 SPT5220SCN |
10-BIT, 80 MWPS VIDEO DAC
|
Cadeka Microcircuits LLC.
|
SPT5240 SPT5240SIT |
10-bit, 400MHz Current Output DAC 10-bit, 400 MWPS Current Output Digital-to-Analog Converter 10-bit / 400 MWPS Current Output Digital-to-Analog Converter
|
Fairchild Semiconductor Corporation
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
AZ10E142FN |
ECL/PECL 9-bit Shift Register ECL / PECL位移位寄存器
|
Arizona Microtek, Inc.
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC10E1651 |
5V, -5V ECL Dual ECL Output Comparator With Latch(5V/-5V ECL,双ECL输出比较器(带锁存器
|
ON Semiconductor
|
P6SMBJ36 P6SMBJ13 P6SMBJ90A P6SMBJ10 P6SMBJ100 P6S |
3.3V ECL 4-Input OR/NOR; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Unidirectional and bidirectional Transient Voltage Suppressor diodes 3.3V / 5VECL 8-Bit Serial/Parallel Converter; Package: 32 QFN, 5 x 5 mm, 0.5 mm pitch, exposed pad; No of Pins: 32; Container: Rail; Qty per BBG ECL GATE OR/NOR QUAD; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 NECL OUTPUT TRANSLATOR; Package: QFN 4x4 mm, 24 PIN; No of Pins: 24; Container: Rail; Qty per Container: 92 5V ECL 8-Bit Synchronous Binary Up Counter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 5V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 3.3V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 1:2 Fanout Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100
|
SEMIKRON[Semikron International]
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|